PART |
Description |
Maker |
DPX-S415-14 |
AMD? Athlon?II Neo, Turion?II Neo Gaming Platform
|
Advantech Co., Ltd.
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
SB200-05H |
50V, 20A Rectifier 50V20A条整流器 50V/ 20A Rectifier 50V 20A Rectifier 50V, 20A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
STB20PF75 STB20PF75T4 |
P-CHANNEL 75V - 0.10 OHM - 20A DPAK STripFETII POWER MOSFET P-CHANNEL 75V - 0.10 ?- 20A D2PAK STripFET II POWER MOSFET P-CHANNEL 75V - 0.10 з - 20A D?PAK STripFETII POWER MOSFET P通道75V 0.10з - 20A?巴基斯STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
VE-M4Z-CQ VE-M2Z-CQ VE-M0Z-CQ VE-MWZ-MW VE-NT2-IS |
1-OUTPUT 400 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 300 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 450 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 150 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 200 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 600 W DC-DC REG PWR SUPPLY MODULE
|
Advanced Micro Devices, Inc. Vicor, Corp. Noisewave, Corp. Fairchild Semiconductor, Corp. Moeller Electric, Corp.
|
AAA5060SURVGAPBEC |
5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP
|
KINGBRIGHT[Kingbright Corporation]
|
AAA5060SUREVGEC |
5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
|
KINGBRIGHT[Kingbright Corporation]
|
AAA5060SYEVGEC |
5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
|
KINGBRIGHT[Kingbright Corporation]
|
AAAF5060BESUVGAC |
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
|
KINGBRIGHT[Kingbright Corporation]
|
AAAF5060BESEEVGA |
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
|
Kingbright Corporation
|
PG1523 PG1520 PG1522 PG1521 PG1500 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 20A I(C) | TO-3 晶体管|晶体管|叩| 30V的五(巴西)总裁|甲一(c)|
|
ON Semiconductor
|
20TQ040S 20TQ035S 20TQ045S 20TQ040 20TQ035STRR 20T |
40V 20A Schottky Discrete Diode in a TO-220AC package 45V 20A Schottky Discrete Diode in a D2-Pak package 35V 20A Schottky Discrete Diode in a D2-Pak package COG Technology, 128 x 64 pixel format SCHOTTKY RECTIFIER 40V 20A Schottky Discrete Diode in a D2-Pak package 45V 20A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier]
|